PART |
Description |
Maker |
SPA513 |
1 AMP, 15,000 to 20,000 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
|
SSDI[Solid States Devices, Inc]
|
X150FG X200FG |
15,000 V - 20,000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
SPJ450F SPJ100F SPJ150F SPJ200F SPJ250F SPJ300F SP |
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
SXF6521 |
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time 0.5 A, 2000 V, SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
1N6839 1N6836 1N6837 1N6838 |
2,000 V - 5,000 V Rectifiers 0.5 A - 1.5 A Forward Current 30 ns - 50 ns Recovery Time
|
VMI[Voltage Multipliers Inc.] ETC
|
SXF6523 SXF6525 |
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time
|
Voltage Multipliers Inc...
|
SMF6531 SMF6533 SMF6529 |
2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
1N6838LL 1N6836LL 1N6837LL |
2,000 V - 5,000 V Rectifiers 0.75 A - 2.00 A Forward Current 30 ns - 50 ns Recovery Time
|
Voltage Multipliers, Inc.
|
1N6836LL 1N6837LL 1N6838LL 1N6839LL |
2,000 V - 5,000 V Rectifiers 0.75 A - 2.00 A Forward Current 30 ns - 50 ns Recovery Time
|
Voltage Multipliers Inc.
|
SXF6525 SXF6521 SXF6523 |
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
9605R1.7KL2.0 9610R3.4KL2.0 9615R5.1KL2.0 |
1,000,000 Full Cycles; 5,000,000 Dither Cycles
|
List of Unclassifed Man...
|
0191951047 |
MagKrimp Round Ring Tongue Terminal with Ribbed Barrel, Stud Size 1/2,165,000-230,000 Circular Mil Area, Plated
|
Molex Electronics Ltd.
|